データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HV2803/AHA データシート(PDF) 29 Page - Microchip Technology

部品番号 HV2803/AHA
部品情報  No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2803/AHA データシート(HTML) 29 Page - Microchip Technology

Back Button HV2803/AHA Datasheet HTML 24Page - Microchip Technology HV2803/AHA Datasheet HTML 25Page - Microchip Technology HV2803/AHA Datasheet HTML 26Page - Microchip Technology HV2803/AHA Datasheet HTML 27Page - Microchip Technology HV2803/AHA Datasheet HTML 28Page - Microchip Technology HV2803/AHA Datasheet HTML 29Page - Microchip Technology HV2803/AHA Datasheet HTML 30Page - Microchip Technology HV2803/AHA Datasheet HTML 31Page - Microchip Technology HV2803/AHA Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2017-2019 Microchip Technology Inc.
DS20005721C-page 29
HV2803/HV2903/HV2904
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
/XX
Package
Device
Device:
HV2803: No High-Voltage Bias, 32-Channel, High-Voltage
Analog Switch
HV2903: No High-Voltage Bias, 32-Channel, High-Voltage
Analog Switch with Bleed Resistor at Both Sides of
Switch
HV2904: No High-Voltage Bias, 32-Channel, High-Voltage
Analog Switch with Bleed Resistor at Only One Side
of Switch
Package:
AHA = Thin Fine Pitch Ball Grid Array – 12x12x1.2 mm
(TFBGA), 132-Ball
Examples:
a) HV2803/AHA: 132-Ball TFBGA package
b) HV2903/AHA: 132-Ball TFBGA package
c) HV2904/AHA: 132-Ball TFBGA package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32