データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

101SHT100BA1LE データシート(PDF) 20 Page - Exxelia Group

部品番号 101SHT100BA1LE
部品情報  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXXELIA [Exxelia Group]
ホームページ  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

101SHT100BA1LE データシート(HTML) 20 Page - Exxelia Group

Back Button 101SHT100BA1LE Datasheet HTML 16Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 17Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 18Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 19Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 20Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 21Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 22Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 23Page - Exxelia Group 101SHT100BA1LE Datasheet HTML 24Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
CERAMIC CAPACITORS
136
www.exxelia.com
info@exxelia.com
Taping : dimensions
Page revised 06/20
III.8. DUT: AT9402
This sample has a paramagnetic behavior with a relatively low magnetic susceptibility
Xg around 10–7 uem.CGS/g.
III.9. DUT: AT9410
This sample has a paramagnetic behavior with a relatively low magnetic susceptibility
Xg around 10–7 uem.CGS/g.
IV. ANALYSIS
IV.1. Influence Of Leads
From the above chart, the following points may be deduced:
The copper termination slightly increases the magnetic susceptibility of the chip
but the total value remains very low and the paramagnetic behavior is suitable for
non-magnetic applications;
As the ribbon shows strong paramagnetic behavior, the assembly made with the
capacitor and the leads has an even lower magnetic susceptibility than the chip
alone. This means that for a very strong requirement for non-magnetic criteria, the
assembly made of capacitor and leads is better than the capacitor itself;
In theory, it should be possible to decrease the magnetic susceptibility of the as-
sembly – capacitor and leads – still further to reach a nearly a nil value, by using
thicker or longer silver leads. These would also improve the heat transfer and there-
fore allow higher working power.
IV.2. INFLUENCE OF TERMINATIONS
IV.2.1. Copper Versus Nickel Terminations
From the above chart, the following points may be deduced:
We are comparing here a magnetic termination – nickel barrier one – and a
non-magnetic termination – copper barrier one. Naturally, the nickel termination
cannot be used for non-magnetic applications but it enables us to define a limit
above which a termination should not be classified as non-magnetic;
As we are using a logarithmic axis, the best magnetization value to consider for this
limit seems to be around 0.10 uem.CGS/g;
Both copper and silver-palladium terminations are below this theoretical limit of
0.10 uem.CGS/g and can therefore be considered as non-magnetic.
VI.2.2. Copper Versus Silver-Palladium Terminations
From the above chart, the following points may be deduced:
The copper or silver-palladium terminations slightly increase the magnetic suscep-
tibility of the chip but the total value remains very low and the paramagnetic behav-
ior is suitable for non-magnetic applications;
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34