| データシートサーチシステム |
|
101SHT100JS6LE データシート(PDF) 19 Page - Exxelia Group |
|
|
|||||||||||||||||||||||||||||
101SHT100JS6LE データシート(HTML) 19 Page - Exxelia Group |
|
19 / 34 page ![]() CERAMIC CAPACITORS 135 info@exxelia.com www.exxelia.com General characteristics Page revised 06/20 III.2. DUT: 501 CHB 4R7 BC This sample has a slightly paramagnetic behavior. Its magnetic susceptibility Xg is around 10–7 uem.CGS/g which is a very low value. III.3. DUT: 501 CHB 4R7 BS This sample exhibits a very strong magnetic behavior with a magnetization around 0.6 uem.CGS/g. III.4. DUT: 501 CHB 4R7 BAL This sample has paramagnetic behavior with a magnetic susceptibility Xg around 2.3x10–7 uem.CGS/g. III.5. DUT: 501 CHB 4R7 BC1L This sample shows a paramagnetic behavior with a magnetic susceptibility Xg around 0.4x10–7 uem.CGS/g. III.6. DUT: SILVER LEADS These two samples exhibit very similar diamagnetic behavior. The magnetic susceptibil- ity Xg is in both cases around -1.6x10–7 uem.CGS/g. III.7. DUT: AT9401 This sample has a paramagnetic behavior with a relatively high magnetic susceptibility Xg, around 7.1x10–7 uem.CGS/g. General Information |