| データシートサーチシステム |
|
74ALS158 データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74ALS158 データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 9 page ![]() Philips Semiconductors Product specification 74ALS157/74ALS158 Data selector/multiplexer 1991 Feb 08 3 IEC/IEEE SYMBOL – 74ALS157 SC00055 2 1 1 G1 15 EN 3 4 1 MUX 5 6 7 11 10 9 14 13 12 IEC/IEEE SYMBOL – 74ALS158 SC00056 2 1 1 G1 15 EN 3 4 1 MUX 5 6 7 11 10 9 14 13 12 LOGIC DIAGRAM – 74ALS157 VCC = Pin 16 GND = Pin 8 E I0a I1a I0b I1b I0c I1c I0d I0d S 15 2 3 5 6 11 10 14 13 1 47 9 12 Ya Yb Yc Yd SC00057 LOGIC DIAGRAM – 74ALS158 VCC = Pin 16 GND = Pin 8 E I0a I1a I0b I1b I0c I1c I0d I0d S 15 2 3 5 6 11 10 14 13 1 47 9 12 Ya Yb Yc Yd SC00058 FUNCTION TABLE – 74ALS157 INPUTS OUTPUTS E S I0n I1n Yn H X X X L L L L X L L L H X H L H X L L L H X H H H = High voltage level L = Low voltage level X = Don’t care FUNCTION TABLE – 74ALS158 INPUTS OUTPUTS E S I0n I1n Yn H X X X H L L L X H L L H X L L H X L H L H X H L H = High voltage level L = Low voltage level X = Don’t care |