| データシートサーチシステム |
|
T48C862M-R3 データシート(PDF) 45 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C862M-R3 データシート(HTML) 45 Page - ATMEL Corporation |
|
45 / 107 page ![]() 45 T48C862-R3 4554A–4BMCU–02/03 Figure 36. Timer 2 Timer 2 Modes Mode 1: 12-bit Compare Counter The 4-bit stage and the 8-bit stage work together as a 12-bit compare counter. A com- pare match signal of the 4-bit and the 8-bit stage generates the signal for the counter reset, toggle flip-flop or interrupt. The compare action is programmable via the compare mode register (T2CM). The 4-bit counter overflow (OVF1) supplies the clock output (POUT) with clocks. The duty cycle generator (DCG) has to be bypassed in this mode. Figure 37. 12-bit Compare Counter Mode 2: 8-bit Compare Counter with 4-bit Programmable Prescaler Figure 38. 8-bit Compare Counter 4-bit Counter 2/1 RES OVF1 Compare 2/1 T2CO1 CM1 POUT SSI POUT CL2/2 DCG T2M1 P4CR 8-bit Counter 2/2 RES OVF2 Compare 2/2 T2CO2 T2CM Control TOG2 INT4 Biphase-, Manchester- modulator OUTPUT MOUT M2 to Modulator 3 T2O Timer 2 modulator output-stage T2M2 SO Control SSI SSI I/O-bus T2C CL2/1 T2I SYSCL T1OUT TOG3 SCL I/O-bus DCGO 4-bit counter 4-bit compare RES 4-bit register CM1 POUT (CL2/1 /16) 8-bit counter 8-bit compare 8-bit register OVF2 CM2 RES T2RM T2OTM Timer 2 output mode and T2OTM-bit T2IM T2CTM TOG2 INT4 CL2/1 DCG T2D1, 0 4-bit counter 4-bit compare RES 4-bit register CM1 POUT 8-bit counter 8-bit compare 8-bit register OVF2 CM2 RES T2RM T2OTM Timer 2 output mode and T2OTM-bit T2IM T2CTM TOG2 INT4 CL2/1 DCG T2D1, 0 DCGO |