データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T48C862M-R3-TNQ データシート(PDF) 57 Page - ATMEL Corporation

部品番号 T48C862M-R3-TNQ
部品情報  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ データシート(HTML) 57 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 53Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 54Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 55Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 56Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 57Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 58Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 59Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 60Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 107 page
background image
57
T48C862-R3
4554A–4BMCU–02/03
Figure 52. Counter Reset with Each Compare Match
Figure 53. Counter Reset with Compare Register 2 and Toggle with Start
Figure 54. Single Action of Compare Register 1
Timer 3 – Mode 2:
Timer/Counter, External
Trigger Restart and External
Capture (with T3I Input)
The counter is driven by an internal clock source. After starting with T3R, the first edge
from the external input T3I starts the counter. The following edges at T3I load the cur-
rent counter value into the capture register, reset the counter and restart it. The edge
can be selected by the programmable edge decoder of the timer input stage. If single-
action mode is activated for one or both compare registers the trigger signal restarts the
single action.
0
00012
3
5
12
34
0
01
23
1
2
T3R
Counter 3
CM31
INT5
T3O
3
CM32
4
0
0
0
1
23
567
4
01
23
56
T3R
Counter 3
CM31
INT5
T3O
Toggle
by start
T3O
89
CL3
CM32
0 012 345 678 9 10 0 12
Counter 3
CM31
CM32
T3O
0 1 2 01201 2 012 0 120 12 0 1 2 0 120 1
Toggle by start
T3R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More