| データシートサーチシステム |
|
EP2012 データシート(PDF) 2 Page - Hammond Manufacturing Ltd. |
|
|
|||||||||||||||||||||||||||||
EP2012 データシート(HTML) 2 Page - Hammond Manufacturing Ltd. |
|
2 / 4 page ![]() Additional Inner Panels Swing Panel Swing Frame Eclipse Rack Panel Eclipse DIN Rail Mounting Kit Eclipse DIN Rails Door Stop Kit Mounting Foot Kit Rear Hole Plugs Drip Shield Kit Quarter Turn Inserts and Keys Quarter Turn Assemblies Padlock Adaptor Handles Replacement Hinge Pins Window Kits Climate Control Lighting General Accessories ANSI 61 Gray RAL 7035 Light Gray Enclosure Latch Optional Inner Panel Part No. Part No. H W D Type Part No. H W EN4SD12106GY EN4SD12106LG 12.00 10.00 6.00 A EP1210 10.20 8.20 EN4SD12126GY EN4SD12126LG 12.00 12.00 6.00 A EP1212 10.20 10.20 EN4SD12246GY EN4SD12246LG 12.00 24.00 6.00 A EP1224 10.20 22.20 EN4SD16126GY EN4SD16126LG 16.00 12.00 6.00 A EP1612 14.20 10.20 EN4SD16166GY EN4SD16166LG 16.00 16.00 6.00 A EP1616 14.20 14.20 EN4SD16206GY EN4SD16206LG 16.00 20.00 6.00 A EP1620 14.20 18.20 EN4SD20126GY EN4SD20126LG 20.00 12.00 6.00 A EP2012 18.20 10.20 EN4SD20166GY EN4SD20166LG 20.00 16.00 6.00 A EP2016 18.20 14.20 EN4SD20206GY EN4SD20206LG 20.00 20.00 6.00 A EP2020 18.20 18.20 EN4SD20246GY EN4SD20246LG 20.00 24.00 6.00 A EP2024 18.20 10.20 EN4SD24126GY EN4SD24126LG 24.00 12.00 6.00 A EP2412 22.20 10.20 EN4SD24166GY EN4SD24166LG 24.00 16.00 6.00 A EP2416 22.20 14.20 EN4SD24206GY EN4SD24206LG 24.00 20.00 6.00 A EP2420 22.20 18.20 EN4SD24246GY EN4SD24246LG 24.00 24.00 6.00 A EP2424 22.20 22.20 EN4SD30166GY EN4SD30166LG 30.00 16.00 6.00 A EP3016 28.20 14.20 EN4SD30206GY EN4SD30206LG 30.00 20.00 6.00 A EP3020 28.20 18.20 EN4SD30246GY EN4SD30246LG 30.00 24.00 6.00 A EP3024 28.20 22.20 EN4SD36246GY EN4SD36246LG 36.00 24.00 6.00 A EP3624 34.20 22.20 EN4SD36306GY EN4SD36306LG 36.00 30.00 6.00 A EP3630 34.20 28.20 EN4SD12248GY EN4SD12248LG 12.00 24.00 8.00 A EP1224 10.20 22.20 EN4SD16128GY EN4SD16128LG 16.00 12.00 8.00 A EP1612 14.20 10.20 EN4SD16168GY EN4SD16168LG 16.00 16.00 8.00 A EP1616 14.20 14.20 EN4SD16208GY EN4SD16208LG 16.00 20.00 8.00 A EP1620 14.20 18.20 EN4SD20128GY EN4SD20128LG 20.00 12.00 8.00 A EP2012 18.20 10.20 EN4SD20168GY EN4SD20168LG 20.00 16.00 8.00 A EP2016 18.20 14.20 EN4SD20208GY EN4SD20208LG 20.00 20.00 8.00 A EP2020 18.20 18.20 EN4SD20248GY EN4SD20248LG 20.00 24.00 8.00 A EP2024 18.20 22.20 EN4SD24128GY EN4SD24128LG 24.00 12.00 8.00 A EP2412 22.20 10.20 EN4SD24168GY EN4SD24168LG 24.00 16.00 8.00 A EP2416 22.20 14.20 EN4SD24208GY EN4SD24208LG 24.00 20.00 8.00 A EP2420 22.20 18.20 EN4SD24248GY EN4SD24248LG 24.00 24.00 8.00 A EP2424 22.20 22.20 EN4SD24308GY EN4SD24308LG 24.00 30.00 8.00 A EP2430 22.20 28.20 EN4SD30128GY EN4SD30128LG 30.00 12.00 8.00 A EP3012 28.20 10.20 EN4SD30168GY EN4SD30168LG 30.00 16.00 8.00 A EP3016 28.20 14.20 |