データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STW81102AT データシート(PDF) 32 Page - STMicroelectronics

部品番号 STW81102AT
部品情報  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102AT データシート(HTML) 32 Page - STMicroelectronics

Back Button STW81102AT Datasheet HTML 28Page - STMicroelectronics STW81102AT Datasheet HTML 29Page - STMicroelectronics STW81102AT Datasheet HTML 30Page - STMicroelectronics STW81102AT Datasheet HTML 31Page - STMicroelectronics STW81102AT Datasheet HTML 32Page - STMicroelectronics STW81102AT Datasheet HTML 33Page - STMicroelectronics STW81102AT Datasheet HTML 34Page - STMicroelectronics STW81102AT Datasheet HTML 35Page - STMicroelectronics STW81102AT Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
SPI digital interface
STW81102
32/43
6.3
Bits table
Table 21.
Bits (Serial Interface Address = 00h; Register name = ST1)
Bit
Name
Description
[23]
R9
REFERENCE CLOCK DIVIDER RATIO
[22]
R8
[21]
R7
[20]
R6
[19]
R5
[18]
R4
[17]
R3
[16]
R2
[15]
R1
[14]
R0
[13]
PLL_A1
VCO Amplitude Control
[12]
PLL_A0
[11]
CPSEL2
Charge Pump output current Control
[10]
CPSEL1
[9]
CPSEL0
[8]
PSC_SEL
Prescaler Modulus select (‘0’ for P=16, ‘1’ for P=19)
[7]
INITCAL
test purpose only; must be set to ‘0’
[6]
SERCAL
Enable VCO calibration (see Section 6.4)
[5]
SELEXTCAL
test purpose only; must be set to ‘0’
[4]
CAL4
test purpose only; must be set to ‘0’
[3]
CAL3
[2]
CAL2
[1]
CAL1
[0]
CAL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43