| データシートサーチシステム |
|
BL-3528W10-R80 データシート(PDF) 9 Page - American Bright OPTOELECTRONICS CORP. |
|
|
|||||||||||||||||||||||||||||
BL-3528W10-R80 データシート(HTML) 9 Page - American Bright OPTOELECTRONICS CORP. |
|
9 / 11 page ![]() B BR RIIG GH HT T L LE ED D E EL LE EC CT TR RO ON NIIC CS S C CO OR RP P.. Ver1.0 Page: 10 of 12 SI N CE 198 1 ● Recommended Soldering Pattern (Unit:mm) ● Handling : Care must be taken not to damage LED’s epoxy resin while exposing to high temperature or contact LED’s epoxy resin with hard or sharp objects, such as metal hook, tweezer or sand blasting. Front View Solder Pad 2.10 0.95 0.45 2.57 0.40 1.42 |