| データシートサーチシステム |
|
ZMD31020BIF-R データシート(PDF) 18 Page - Zentrum Mikroelektronik Dresden AG |
|
|
|||||||||||||||||||||||||||||
ZMD31020BIF-R データシート(HTML) 18 Page - Zentrum Mikroelektronik Dresden AG |
|
18 / 19 page ![]() Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19 18/19 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice. ZMD31020 Sensor Signal Conditioner Datasheet 6. EVALUATION KIT “ZMD31020KIT” An evaluation kit is offered, see the illustration below. The Kit provides easy evaluation and experimental calibration of a sensor element / ZMD31020 combination. It contains a modular calibration board, a CD-ROM (calibration program, USB port driver, technical documentation), an USB cable and some finished samples in SSOP14 package. The evaluation kit is described in detail in its technical documentation. Fig. 3: Evaluation Kit „ZMD31020KIT“ (Hardware) Important Note: The Evaluation Kit is not intended to be used for industrial sensor calibration in serial production. If components of the Evaluation Kit are used for this purpose then an EEPROM programming pulse like specified in section 3.3.5 has to be assured. Otherwise the EEPROM data preservation may be affected. For industrial sensor calibration ZMD and its partners offer a comprehensive support for the development of the required hard- and software. Please contact the ZMD sales offices for detailed information. |