データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

23LC1024 データシート(PDF) 17 Page - Microchip Technology

部品番号 23LC1024
部品情報  1-Mbit SPI Serial SRAM with SDI and SQI Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC1024 データシート(HTML) 17 Page - Microchip Technology

Back Button 23LC1024 Datasheet HTML 13Page - Microchip Technology 23LC1024 Datasheet HTML 14Page - Microchip Technology 23LC1024 Datasheet HTML 15Page - Microchip Technology 23LC1024 Datasheet HTML 16Page - Microchip Technology 23LC1024 Datasheet HTML 17Page - Microchip Technology 23LC1024 Datasheet HTML 18Page - Microchip Technology 23LC1024 Datasheet HTML 19Page - Microchip Technology 23LC1024 Datasheet HTML 20Page - Microchip Technology 23LC1024 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20005142D-page 17
23A1024/23LC1024
FIGURE 4-6:
BYTE WRITE MODE SQI
4.3
Exit SDI or SQI Mode
To exit from SDI mode, the RSTIO command must be
issued. The command must be entered in the current
device configuration, either SDI or SQI, see Figure 4-7
and Figure 4-8.
FIGURE 4-7:
RESET SDI MODE (RSTIO) – FROM SDI MODE
CS
SCK
0
2
34
56
7
1
8
9
0
0
40
4
0
20
16
12
8
SIO0
1
0
51
5
1
21
17
13
9
0
0
62
62
22
18
14
10
0
0
73
73
23
19
15
11
SIO1
SIO2
SIO3
Instruction
24-Bit Address
Data In
Note:
Page and Sequential mode are similar in that additional bytes can be clocked out before CS is
brought high.
SCK
02
3
1
SIO0
CS
SIO1
1
1
11
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33