データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6V96UT-E/ST データシート(PDF) 31 Page - Microchip Technology

部品番号 MCP6V96UT-E/ST
部品情報  10 MHz, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V96UT-E/ST データシート(HTML) 31 Page - Microchip Technology

Back Button MCP6V96UT-E/ST Datasheet HTML 27Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 28Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 29Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 30Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 31Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 32Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 33Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 34Page - Microchip Technology MCP6V96UT-E/ST Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006467A-page 31
MCP6V96/6U/7/9
0.15 C
0.15 C
0.10
C A B
C
SEATING
PLANE
1
3
4
2X
TOP VIEW
SIDE VIEW
Microchip Technology Drawing C04-061-LTY Rev E Sheet 1 of 2
2X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
5-Lead Plastic Small Outline Transistor (LTY) [SC70]
D
E
E1
e
e
5X b
0.30 C
5X TIPS
END VIEW
B
A
N
A
A1
A2
L
c
NOTE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52