データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

24LC00I/ST データシート(PDF) 27 Page - Microchip Technology

部品番号 24LC00I/ST
部品情報  128-Bit I2C Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC00I/ST データシート(HTML) 27 Page - Microchip Technology

Back Button 24LC00I/ST Datasheet HTML 23Page - Microchip Technology 24LC00I/ST Datasheet HTML 24Page - Microchip Technology 24LC00I/ST Datasheet HTML 25Page - Microchip Technology 24LC00I/ST Datasheet HTML 26Page - Microchip Technology 24LC00I/ST Datasheet HTML 27Page - Microchip Technology 24LC00I/ST Datasheet HTML 28Page - Microchip Technology 24LC00I/ST Datasheet HTML 29Page - Microchip Technology 24LC00I/ST Datasheet HTML 30Page - Microchip Technology 24LC00I/ST Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
 1996-2018 Microchip Technology Inc.
DS20001178J-page 27
24AA00/24LC00/24C00
RECOMMENDED LAND PATTERN
5-Lead Plastic Small Outline Transistor (OT) [SOT23]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing No. C04-2091A [OT]
Dimension Limits
Contact Pad Length (X5)
Overall Width
Distance Between Pads
Contact Pad Width (X5)
Contact Pitch
Contact Pad Spacing
3.90
1.10
G
Z
Y
1.70
0.60
MAX
MIN
C
X
E
Units
NOM
0.95 BSC
2.80
MILLIMETERS
Distance Between Pads
GX
0.35
1
5
X
Y
Z
C
E
GX
G
2
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34