| データシートサーチシステム |
|
MCP9601TE/MX データシート(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9601TE/MX データシート(HTML) 34 Page - Microchip Technology |
|
34 / 57 page ![]() 2015-2021 Microchip Technology Inc. DS20005426G-page 34 MCP960X/L0X/RL0X bit 4 Input Range: Temperature Range Detection bit (read-only) 1 = The ADC input Voltage (EMF) or the temperature data from the TH register exceeds the measure- ment range for the selected thermocouple type 0 = The ADC input Voltage (EMF) or the temperature data from the TH register is within the measure- ment range for the selected thermocouple type If this bit is set, then the MCP9600/L00/RL00 input voltage (EMF) to Degree Celsius conversion may be bypassed under these conditions: - If the thermocouple EMF exceeds the specified range, then the TH and T registers are not updated, but the TC register is updated with valid temperature data at the specified interval, or tCONV. - If the thermocouple EMF is within the specified range, but the sum with the Cold-Junction EMF exceeds the specified range, then the TH register is not updated, but the T and TC registers are updated with valid temperature data at the specified interval, or tCONV. In this case, the value of the T and TC registers can be used to calculate valid Hot-Junction Temperature data using the NIST ITS-90 conversion look-up table or polynomial equation. - To identify date code for devices with this feature, refer to “MCP9600 Rev. A Silicon Errata and Data Sheet Clarification”, DS80000741. For the MCP9601/L01/RL01, this bit indicates whether the Thermocouple is disconnected from the inputs. The VSENSE pin must be connected to the Thermocouple as indicated in Figure 1-1, using RA and RB resistors. When the Thermocouple is disconnected, the voltage at the inputs exceeds the voltage range for the selected Thermocouple due to the RA and RB resistors. bit 3 Alert 4: Status bit (read-only) 1 =TX TALERT4 0 =TX ≤TALERT4 Where: TX is either TH or TC (user-selectable, see Register 5-10). bit 2 Alert 3: Status bit (read-only) 1 =TX TALERT3 0 =TX ≤TALERT3 Where: TX is either TH or TC (user-selectable, see Register 5-10). bit 1 Alert 2: Status bit (read-only) 1 =TX TALERT2 0 =TX ≤TALERT2 Where: TX is either TH or TC (user-selectable, see Register 5-10). bit 0 Alert 1: Status bit (read-only) 1 =TX TALERT1 0 =TX ≤TALERT1 Where: TX is either TH or TC (user-selectable, see Register 5-10). Note 1: MCP9601/L01/RL01 only. REGISTER 5-6: STATUS REGISTER (CONTINUED) |