| データシートサーチシステム |
|
24C00E/ST データシート(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24C00E/ST データシート(HTML) 7 Page - Microchip Technology |
|
7 / 34 page ![]() 1996-2018 Microchip Technology Inc. DS20001178J-page 7 24AA00/24LC00/24C00 5.0 DEVICE ADDRESSING After generating a Start condition, the bus master transmits a control byte consisting of a slave address and a Read/Write bit that indicates what type of operation is to be performed. The slave address for the 24XX00 consists of a 4-bit device code ‘1010’ followed by three “don’t care” bits. The last bit of the control byte determines the operation to be performed. When set to a one a read operation is selected, and when set to a zero a write operation is selected (Figure 5-1). The 24XX00 monitors the bus for its corresponding slave address all the time. It generates an Acknowledge bit if the slave address was true and it is not in a programming mode. FIGURE 5-1: CONTROL BYTE FORMAT 10 1 0 x x x SACK R/W Device Select Bits Don’t Care Bits Slave Address Acknowledge Bit Start Bit Read/Write Bit |