| データシートサーチシステム |
|
TLE4728G データシート(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4728G データシート(HTML) 21 Page - Infineon Technologies AG |
|
21 / 25 page ![]() TLE 4728 G Data Sheet 21 2004-03-01 Calculation of Power Dissipation The total power dissipation P tot is made up of saturation losses P sat (transistor saturation voltage and diode forward voltages), quiescent losses P q (quiescent current times supply voltage) and switching losses P s (turn-ON / turn-OFF operations). The following equations give the power dissipation for chopper operation without phase reversal. This is the worst case, because full current flows for the entire time and switching losses occur in addition. P tot = 2 × Psat + Pq + 2 × Ps where P sat ≅ IN { VsatI × d + VFu (1 – d ) + VsatuC × d + VsatuD ( 1 – d ) } P q = Iq × VS I N = nominal current (mean value) I q = quiescent current i D = reverse current during turn-on delay i R = peak reverse current t p = conducting time of chopper transistor t ON = turn-ON time t OFF = turn-OFF time t DON = turn-ON delay t DOFF = turn-OFF delay T = cycle duration d = duty cycle t p / T V satl = saturation voltage of sink transistor (TX3, TX4) V satuC = saturation voltage of source transistor (TX1, TX2) during charge cycle V satuD = saturation voltage of source transistor (TX1, TX2) during discharge cycle V Fu = forward voltage of free-wheeling diode (DX1, DX2) V S = supply voltage Pq VS T ------ iD t DO N × 2 ---------------------- iD iR + () t ON × 4 ---------------------------------- IN 2 ----- t DO FF t OFF + () ++ ≅ |