| データシートサーチシステム |
|
TLE7232G データシート(PDF) 22 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7232G データシート(HTML) 22 Page - Infineon Technologies AG |
|
22 / 36 page ![]() SPI Driver for Enhanced Relay Control SPIDER - TLE 7232G Diagnostic Features Data Sheet 22 V1.0, 2005-09-30 4.3 Diagnostic Features The SPI of SPIDER - TLE 7232G provides diagnosis information about the device and about the load. There are following diagnosis flags implemented: • The diagnosis information of the protective functions (flags CLn and Tn) of channel n is latched in the diagnosis flag Pn. • The open load diagnosis of channel n is latched in the diagnosis flag OLn. • The short to gnd monitor information of channel n is latched in the diagnosis flag SGn. All flags are cleared after a successful SPI transmission. There is an output state monitor implemented in the device that indicates the switch state of the device in register STA. Depending on the voltage level at input pin and protective functions the bits are high or low. Please see Figure 9 for details: Figure 9 Block Diagram Diagnosis OUTn IDS(PD) SGn VDD V DS(SG) IDS(SG) diagnosis .emf protective functions CLn Tn OR SPI MUX 00 01 10 OLn VDS(OL) CHn OUTn STA. gate control Pn GND |