| データシートサーチシステム |
|
ECU-1050TL データシート(PDF) 13 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ECU-1050TL データシート(HTML) 13 Page - Advantech Co., Ltd. |
|
13 / 15 page ![]() Drawings and specifications herein are property of Advantech and shall not be reproduced, copied, or used without prior written permission. 13 Siemens S7-1200 Siemens S7-300/1200/1500 PLC (S8Comm TCP/IP) SERIAL & TCP/IP Siemens S7-1500 Siemens S7-300/1200/1500 PLC (S9Comm TCP/IP) SERIAL & TCP/IP Siemens LOGO! PLC via Ethernet Siemens LOGO! PLC via Ethernet TCP/IP Toyopuc Toyopuc PLCs Toyopuc 2PORT-EFR PLC via Ethernet SERIAL & TCP/IP Wago 750 WAGO I/O System 750 Fieldbus Coupler for Modbus Serial. Models 750-312, 750-314, 750-315, 750-316, 750-812, 750-814, 750-815 WAGO I/O System 750 SERIAL WAGO I/O System 750 Fieldbus Coupler for Modbus. Models 750- 342 WAGO I/O System 750 TCP/IP Yaskawa YASKAWA MP series YASKAWA MP Series Ethernet (Extension) TCP/IP MP900 series YASKAWA MP900 series, MemoBus Modbus compatible (Modbus RTU/TCP) SERIAL & TCP/IP MP3000 series YASKAWA MP3000 series TCP/IP Yokogawa FA-M3 RS-232 Factory ACE PLCs Yokogawa FA-M3 Ethernet Factiry ACE PLC SERIAL & TCP/IP 1.6 Northbound Service List Service Classification Service List Northbound protocol and platform ActiveConnection (WASCADA) MQTT Modbus RTU Modbus/TCP BACnet OPC UA IEC-104 DNP3 (Only for ADAM-3600 and ECU Series) Northbound database SQL Server MySQL ORACLE FTP Server |