| データシートサーチシステム |
|
ECU-1051TL-R10A データシート(PDF) 9 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ECU-1051TL-R10A データシート(HTML) 9 Page - Advantech Co., Ltd. |
|
9 / 15 page ![]() Drawings and specifications herein are property of Advantech and shall not be reproduced, copied, or used without prior written permission. 9 1.5 Southbound Driver List ►Standard Protocol Device Type Models/Protocol EdgeLink Driver Interface Power Industry Protocol DNP 3.0 DNP 3.0 (Only ADAM-3600/ECU- 1051/ECU-1251/ECU-4553 supported) SERIAL & TCP/IP IEC 60870-5-101 IEC 60870-5-101 SERIAL IEC 60870-5-103 IEC 60870-5-103 SERIAL IEC 60870-5-104 IEC 60870-5-104 TCP/IP Power Meter DL/T 645-2007 DL/T 645-2007 SERIAL DL/T 645-1997 DL/T 645-1997 SERIAL IEC 62056-21 IEC 62056-21 SERIAL WISE-M500 series (Advantech) Modbus/RTU SERIAL Database MS SQL Server ODBC for Microsoft SQL Server TCP/IP ORACLE JDBC for ORACLE Database TCP/IP OPC UA OPCUA Client OPC UA TCP/IP BACnet Standard protocol for building controllers BACnet IP TCP/IP BACnet MS/TP SERIAL SNMP Simple Network Management Protocol SNMP TCP/IP Modbus Modbus GW Modbus TCP with limited connections TCP/IP ►PLC Driver Manufacturer Models EdgeLink Driver Type ABB Controller models: AC31, AC80, AC410, AC450. Modbus via MVI module. Modicon (Modbus RTU) SERIAL 4600 Dissolved Oxygen Analyzer Modicon (Modbus RTU) SERIAL Commander 1900 Controller Recorders. Modicon (Modbus RTU) SERIAL INSUM Modbus-LON Network Gateway Modicon (Modbus RTU) SERIAL MODCELL, MOD 30ML and Commander 100, 150, 200, and 300 Modicon (Modbus RTU) SERIAL |