データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE5588 データシート(PDF) 2 Page - STMicroelectronics

部品番号 STE5588
部品情報  DVD and DVB decoder for video and audio with DVD audio support
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE5588 データシート(HTML) 2 Page - STMicroelectronics

  STE5588 Datasheet HTML 1Page - STMicroelectronics STE5588 Datasheet HTML 2Page - STMicroelectronics STE5588 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STE5588
2/3
FEATURES
■
32-bit ST20 processor
– Instruction and data cache
■
Supported formats:
– DVD-video, SVCD, VCD
– JPEG picture decoding
– DVD-audio, various audio codecs
■
Video decoder and graphics
– MPEG-2 and MPEG-1 MP@ML
– Fully programmable zoom-in and zoom-out
– High performance on-screen display with 2 to
8 bits per pixel
– Anti-flicker, anti-flutter and anti-aliasing filters
– Sub-picture decoder
– 5 display planes
■
Audio decoder (192 kHz, 24 bit)
–DTS®
– 5.1 channel Dolby® Digital
– MPEG multichannel
– LPCM multichannel with 192 kHz sampling
frequency
– MLP lossless
–SRS®, TruSurround®, CircleSurround®,
TruBassTM
– 9-band equalizer, 256-band spectrum
analyser
– 6-channel level meter
– Karaoke with scoring, echo, pitch shift,
microphone inputs, voice cancellation
■
Video output
– CVBS, Y/C, RGB and YUV with 10-bit DACs
running at 27 or 54 MHz
– PAL/NTSC/SECAM encoder
– Progressive scan (525p)
– Macrovision® 7.1 and 1.03 (525p)
– ITU-R BT 601 and 656 digital video output
■
Audio output
– 4 x 2-channel PCM outputs
– S/PDIF IEC60958 & IEC61937 digital audio
output
■
Decryption
– CSS, CPPM, CPRM, 4C/Verance
watermarking
■
Drive
– ATAPI
– Serial drives
■
Memory interfaces
– Shared memory SDRAM up to 128 MBit
– Programmable CPU memory interface for
SDRAM, ROM and other peripherals
■
Lead-free 208 pin PQFP package
PART NUMBERING
Table 1. Order Codes
Part Number
Description
STe5588SVB
Lead-free MPEG decoder



Html Pages

1 2 3