| データシートサーチシステム |
|
UT63M147BPC データシート(PDF) 2 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT63M147BPC データシート(HTML) 2 Page - Aeroflex Circuit Technology |
|
2 / 20 page ![]() Appendix 2 - 2 The transmitter section accepts biphase TTL-level signal data at its TXIN and TXIN and produces MIL-STD-1553 data signals. The transmitter’s output voltage is typically 12 VPP, L-L. Activating the TXIHB input or setting both data inputs to the same logic level disables the transmitter outputs. The UT63M14x series offers complete transmitter and receiver pairs packaged in a dual-channel 36-pin DIP or 24-lead flatpack configurations designed for use in any MIL-STD-1553 application. Legend for TYPE field: TI = TTL input TO = TTL output DO = Differential output DI = Differential input DIO = Differential input/output ( ) = Channel designator [ ] = 24-lead flatpack TRANSMITTER Note: 1. The 24-lead flatpack internally connects TXOUT to RXIN (CHA, CHB) and TXOUT to RXIN (CHA, CHB) for each channel. NAME PIN NUMBER TYPE DESCRIPTION TXOUT 1 (A) TXOUT (B) 1 [1] 10 [7] DO [DIO] DO [DIO] Transmitter outputs: TXOUT and TXOUT are differential data signals. TXOUT 1 (A) TXOUT (B) 2 [2] 11 [8] DO [DIO] DO [DIO] TXOUT is the half-cycle complement of TXOUT. TXIHB (A) TXIHB (B) 34 [22] 25 [16] TI TI Transmitter inhibit: This is an active high input signal. TXIN (A) TXIN (B) 35 [23] 26 [17] TI TI Transmitter input: TXIN and TXIN are complementary TTL- level Manchester II encoder inputs. TXIN (A) TXIN (B) 36 [24] 27 [18] TI TI TXIN is the complement of TXIN input. |