| データシートサーチシステム |
|
HLMP-BD01-R0RDD データシート(PDF) 9 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HLMP-BD01-R0RDD データシート(HTML) 9 Page - Agilent(Hewlett-Packard) |
|
9 / 10 page ![]() 9 Figure 8. Spatial radiation pattern – 35 x 70 degree lamps. 100 0 VERTICAL ANGULAR DISPLACEMENT – DEGREES 80 60 50 70 20 50 10 30 40 40 0 20 -10 -30 -50 90 30 10 -20 -40 100 0 HORIZONTAL ANGULAR DISPLACEMENT – DEGREES 80 60 50 70 20 50 10 30 40 40 0 20 -10 -30 -50 90 30 10 -20 -40 Intensity Bin Limits (mcd at 20 mA) Bin Name Min. Max. G 140 180 H 180 240 J 240 310 K 310 400 L 400 520 M 520 680 N 680 880 P 880 1150 Q 1150 1500 R 1500 1900 S 1900 2500 T 2500 3200 U 1900 2500 Tolerance for each bin limit is ±15%. Amber Color Bin Limits (nm at 20 mA) Bin Name Min. Max. 1 584.5 587.0 2 587.0 589.5 4 589.5 592.0 6 592.0 594.5 Tolerance for each bin limit is ± 0.5 nm. Notes: 1. All bin categories are established for classifi- cation of products. Products may not be available in all bin categories. Please contact your Agilent representative for further information. 2. Vf bin table only available for those numbers with options -xxRxx, -xxSxx, -xxTxx. Blue Color Bin Limits (nm at 20 mA) Bin Name Min. Max. 1 460.0 464.0 2 464.0 468.0 3 468.0 472.0 4 472.0 476.0 5 476.0 480.0 Tolerance for each bin limit is ± 0.5 nm. Green Color Bin Limits (nm at 20 mA) Bin Name Min. Max. 1 520.0 524.0 2 524.0 528.0 3 528.0 532.0 4 532.0 536.0 5 536.0 540.0 Tolerance for each bin limit is ±0.5 nm. Vf Bin Table[2] Bin Id Min. Max. VA 2.0 2.2 VB 2.2 2.4 VC 2.4 2.6 |