| データシートサーチシステム |
|
CDM807-05B-FW-R805-050-67 データシート(PDF) 2 Page - CUI Devices |
|
|
|||||||||||||||||||||||||||||
CDM807-05B-FW-R805-050-67 データシート(HTML) 2 Page - CUI Devices |
|
2 / 3 page ![]() CUI DEVICES | SERIES: CDM807 | DESCRIPTION: M8 CONNECTOR date 08/05/2022 | page 2 of 3 cuidevices.com MECHANICAL DRAWING units: mm tolerance: 0.5<X≤6.0: ±0.1 mm 6.0<X≤30.0: ±0.2 mm unless otherwise noted Recommended Panel Cutout No. of Poles 3 4 5 6 8 A-Coding Wire Size 24 AWG 24 AWG 24 AWG 26 AWG 26 AWG Pin # 1 brown brown brown brown white 2 --- white white white brown 3 blue blue blue blue green 4 black black black black yellow 5 --- --- gray gray gray 6 --- --- --- pink pink 7 --- --- --- blue 8 --- --- --- red ITEM DESCRIPTION MATERIAL PLATING/COLOR A M8x1.0 screw brass nickel B terminals; female brass gold C housing; female PA66 (UL94V-0) black D M8x0.5 nut brass nickel E resin epoxy resin black F o-ring FKM black G o-ring FKM orange H wire UL 1061 L=505 mm Additional Resources: Product Page |