| データシートサーチシステム |
|
CDM1227-12A-FW-R9-050-67 データシート(PDF) 2 Page - CUI Devices |
|
|
|||||||||||||||||||||||||||||
CDM1227-12A-FW-R9-050-67 データシート(HTML) 2 Page - CUI Devices |
|
2 / 3 page ![]() CUI DEVICES | SERIES: CDM1227 | DESCRIPTION: M12 CONNECTOR date 08/05/2022 | page 2 of 3 cuidevices.com MECHANICAL DRAWING units: mm tolerance: 0.5<X≤6.0: ±0.1 mm 6.0<X≤30.0: ±0.2 mm unless otherwise noted ITEM DESCRIPTION MATERIAL PLATING/COLOR A M12x1.0 screw brass nickel B terminals; female brass gold C housing; female PA66 (UL94V-0) black D o-ring FKM black E resin epoxy resin black F o-ring FKM green G PG9 nut brass nickel H wire UL 1061 L=508 mm Recommended Panel Cutout No. of Poles 3 4 5 8 12 A-Coding Wire Size 22 AWG 22 AWG 22 AWG 24 AWG 26 AWG Pin # 1 brown brown brown white brown 2 --- white white brown blue 3 blue blue blue green white 4 black black black yellow green 5 --- --- gray gray pink 6 --- --- --- pink yellow 7 --- --- --- blue black 8 --- --- --- red gray 9 --- --- --- --- red 10 --- --- --- --- violet 11 --- --- --- --- gray/pink 12 --- --- --- --- red/blue Additional Resources: Product Page | 3D Model |