データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSC441V2RTLFS データシート(PDF) 2 Page - C&K Components

部品番号 KSC441V2RTLFS
部品情報  Side Actuated Sealed Tact Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC441V2RTLFS データシート(HTML) 2 Page - C&K Components

  KSC441V2RTLFS Datasheet HTML 1Page - C&K Components KSC441V2RTLFS Datasheet HTML 2Page - C&K Components KSC441V2RTLFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B–91
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
KSC V2 Series
Side Actuated Sealed Tact Switch
24 Nov 20
+0,3
6,2 0
2,6±0,15
2,3
1,13±0,15
7,25
3,4
4±0,1
0,75±0,05
90˚±3˚
0,1
5
3,9±0,2
90˚±2˚
P&P area ( ø 1,9 max )
*
IMPORTANT NOTE FOR RT ACTUATOR
2
2
ø 1,1±0,05
ø 0,1A B
ø 1,6±0,1
ø 0,2A B
0,8
6,6
PCB LAYOUT
PIN IN PASTE
TOP VIEW
METALIZED HOLES
ON TWO PCB SIDES
GROUND
Series
L
KSC2
2,3
KSC4
3,9
This actuator is not compatible with grease even with restricted contact.
In case of the integration of an actuator or button by the customer, please consult us if use of plasticizer agent for button
raw material (risk of chemical migration).
Our actuator contains carbon particles and is electrical conductive. In consequence, customer actuator must be electric
insulating raw material.
Due to the cover raw material plating, small tin balls can appear after the reflow soldering process. These small tin balls
are located near all cutting areas.
2
2
1,1± 0,05
1,6± 0,1
0,8
6,6
PCB LAYOUT
PIN IN PASTE
TOP VIEW
METALIZED HOLES
ON TWO PCB SIDES
GROUND
Common signal must not
be linked to the ground
due to Actuator conductive
EPDM raw material



Html Pages

1 2 3