| データシートサーチシステム |
|
TM データシート(PDF) 5 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
TM データシート(HTML) 5 Page - C&K Components |
|
5 / 6 page ![]() J J–34 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ckswitches.com TM Series Mid Size Snap-acting Switches ACTUATOR NOTE: For basic switch operating forces, see page J-26. .280 (7,11) .750 (19,05) .187 (4,75) N/A .04 .07 12 N/A .07 .14 24 .200 (5,08) .500 (12,70) .125 (3,18) N/A .04 .11 13 N/A .11 .21 36 .60 .88 17 25 .035 (0,89) .056 (1,42) .013 (0,33) .35 .53 1.06 10 15 30 .71 .99 2.12 20 28 60 1.76 2.655.29 50 75 150 P00 .125 (3,18) .312 (7,92) .070 (1,78) .04 .07 .18 12 5 .11 .18 .35 35 10 .53 1.06 1.59 15 30 45 A25 .060 (1,52) .140 (3,56) .025 (0,64) .11 .18 .35 35 10 .25 .35 .71 71020 1.06 1.76 3.17 30 50 90 A20 .065 (1,65) .160 (4,06) .030 (0,76) .11 .14 .35 34 10 .21 .35 .71 61020 1.06 1.592.82 30 45 80 A15 .035 (0,89) .070 (1,78) .013 (0,33) .25 .53 1.06 71530 .49 .99 1.69 14 28 48 2.12 3.176.35 60 90 180 A10 N/A .42 .63 12 18 T28 N/A T27 .100 (2,54) .330 (8,38) .070 (1,78) .04 .07 .16 12 4.5 .07 .14 .32 249 .71 1.06 1.41 20 30 40 T25 .110 (2,79) .312 (7,92) .080 (2,03) .05 .07 .18 1.5 25 .11 .18 .35 35 10 .53 1.23 1.76 15 35 50 T24 .125 (3,18) .312 (7,92) .070 (1,78) .04 .07 .18 12 5 .11 .18 .35 35 10 .53 1.06 1.59 15 30 45 T23 .065 (1,65) .160 (4,06) .030 (0,76) .11 .18 .35 35 10 .21 .32 .71 69 20 1.06 1.593.17 30 45 90 T20 .160 (4,06) .375 (9,52) .078 (1,98) N/A .04 .14 14 N/A .14 .28 48 N/A .71 1.23 20 35 T18 .110 (2,79) .220 (5,59) .062 (1,57) .07 .07 .21 22 6 .14 .21 .42 46 12 .71 .88 1.76 20 25 50 T17 .140 (3,56) .312 (7,92) .090 (2,29) .05 .07 .18 1.5 25 .11 .18 .35 35 10 .53 .71 1.41 15 20 40 T16 .075 (1,90) .160 (4,06) .032 (0,81) .11 .14 .35 34 10 .21 .32 .71 69 20 1.06 1.592.28 30 45 80 T15 .062 (1,57) .140 (3,56) .050 (1,27) .11 .14 .35 34 10 .25 .35 .71 71020 1.06 1.763.17 30 50 90 T13 .065 (1,65) .160 (4,06) .030 (0,76) .11 .14 .35 34 10 .21 .35 .71 61020 1.06 1.592.82 30 45 80 T13 .035 (0,89) .080 (2,03) .013 (0,33) .25 .53 1.06 71530 .49 .99 1.69 14 28 48 2.12 3.176.35 60 90 180 T10 MINIMUM OVERTRAVEL ALLFORCES MAXIMUM PRETRAVEL ALLFORCES MAXIMUM DIFFERENTIAL TRAVEL ALLFORCES MINIMUM RETURN FORCE (OZ./GRAMS) MINIMUM RELEASE FORCE (OZ./GRAMS) MAXIMUM OPERATING FORCE (OZ./GRAMS) CF CG CJ (50) (75) (150) OPTION CODE SWITCH CHARACTERISTICS CF CG CJ (50) (75) (150) CF CG CJ (50) (75) (150) T26 N/A .35 10 .71 20 N/A .07 2 .18 5 N/A .04 1 .07 2 .110 (2,79) .500 (12,7) .250 (6,35) |