データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIL10 データシート(PDF) 2 Page - Artesyn Technologies

部品番号 SIL10
部品情報  8 to 33W Non-isolated DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARTESYN [Artesyn Technologies]
ホームページ  
Logo ARTESYN - Artesyn Technologies

SIL10 データシート(HTML) 2 Page - Artesyn Technologies

  SIL10 Datasheet HTML 1Page - Artesyn Technologies SIL10 Datasheet HTML 2Page - Artesyn Technologies SIL10 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
The part numbers with a W in the number sequence indicate a wide trim
output. For the SIL10-05W3V3 the output voltage range is from 3.6V to
0.8V.
2
The standard unit with the suffix '-V' is for vertical mounting. To order a
unit with horizontal mounting, please add the suffix '-H' to the model
number, e.g. SIL10-05S2V0-H.
3
Referenced to ground for shutdown. If pin 6 is high unit will shutdown.
If pin 6 is open unit will operate as normal. Converter is guaranteed OFF
when control pin is greater than 1.2V.
4
Full de-rating curves available in both the Long Form Data Sheet and
Application Note 134.
CAUTION: High internal temperatures. Ensure that unit is not user
accessible.
SIL10 Series
Single output
DC/DC CONVERTERS
8 to 33W Non-isolated DC/DC Converters
2
Please consult our website for the following items: ✔ Application Note ✔ Longform Data Sheet
NEW Product
www.artesyn.com
J1 PIN CONNECTIONS
PIN NUMBER
FUNCTION
1+Vout
2+Vout
3
Remote Sense (+)
4+Vout
5Ground
J2 PIN CONNECTIONS
PIN NUMBER
FUNCTION
1Ground
2+Vin
3+Vin
4
No Pin
5Trim
6
Remote ON/OFF
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(1, 2)
(MAX.)
(MIN.)
(MAX.)
36.3W
4.5V - 5.5V
3.3V
0A
10A
95%
±1%
±1%
SIL10-05W3V3-V
36.3W
4.5V - 5.5V
3.3V
0A
10A
95%
±1%
±1%
SIL10-05S3V3-V
27.5W
3.0V - 5.5V
2.5V
0A
10A
94%
±1%
±1%
SIL10-05S2V5-V
22W
3.0V - 5.5V
2.0V
0A
10A
93%
±1%
±1%
SIL10-05S2V0-V
19.8W
3.0V - 5.5V
1.8V
0A
10A
92%
±1%
±1%
SIL10-05S1V8-V
16.5W
3.0V - 5.5V
1.5V
0A
10A
90%
±1%
±1%
SIL10-05S1V5-V
13.2W
3.0V - 5.5V
1.2V
0A
10A
88%
±1%
±1%
SIL10-05S1V2-V
11W
3.0V - 5.5V
1.0V
0A
10A
87%
±1%
±1%
SIL10-05S1V0-V
8.8W
3.0V - 5.5V
0.8V
0A
10A
84%
±1%
±1%
SIL10-05S0V8-V
PROTECTION
Short-circuit protection
Continuous
Thermal protection
Automatic recovery
File Name: SIL10.PDF Rev: 02 Jan 2003
10K
Ω
TRIMPOT
TRIM
UP
TRIM
DOWN
J1 Pin 5
J2 Pin 5
J1 Pin 3
J1 Pin 5
J2 Pin 5
J1 Pin 3
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed
by using the method shown below.



Html Pages

1 2 3