| データシートサーチシステム |
|
ICS1712 データシート(PDF) 22 Page - Galaxy Power, Inc. |
|
|
|||||||||||||||||||||||||||||
ICS1712 データシート(HTML) 22 Page - Galaxy Power, Inc. |
|
22 / 28 page ![]() 22 ICS1712 GPI 0.016 0.296 0.404 0.041 0.041 0.016 0.050 0.094 0.008 0.033 0.405 0.296 0.008 All package dimensions are in inches. QuickSaver ® ICS1712M 16-Pin SOIC Package (300 mil) GPI 0.018 0.060 0.250 0.750 0.130 0.130 0.015 0.018 0.100 0.060 0.310 0.250 0.350 0.010 All package dimensions are in inches. 16-Pin DIP package (300 mil) QuickSaver ® ICS1712N ICS 1712 ST Package Information 0.025 0.050 0.008 0.236 0.154 All package dimensions are in inches. 0.155 0.016 R 0.016 0.050 0.006 0.058 0.390 0.031 0.024 0.008 All package dimensions are in inches. GPI ICS1712S 16-Pin SOIC Package (150 mil) QuickSaver 0.039 Prefix: ICS = Intelligent Charging Solution standard device Device type: Consists of 3 to 5 digits or numbers Package type: N= DIP (Plastic) M= 300 mil SOIC S= 150 mil SOIC MT= 300 mil SOIC Tape and Reel ST=150 mil SOIC Tape and Reel Ordering Information: ICS1712M, ICS1712MT, ICS1712S, ICS1712ST, ICS1712N Example: |