| データシートサーチシステム |
|
74F374 データシート(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74F374 データシート(HTML) 4 Page - NXP Semiconductors |
|
4 / 12 page ![]() Philips Semiconductors Product specification 74F373/74F374 Latch/flip-flop December 5, 1994 4 LOGIC DIAGRAM FOR 74F373 VCC = Pin 20 GND = Pin 10 D0 D E Q Q0 3 2 D1 D E Q Q1 4 5 D2 D E Q Q2 7 6 D3 D E Q Q3 8 9 D4 D E Q Q4 13 12 D5 D E Q Q5 14 15 D6 D E Q Q6 17 16 D7 D E Q Q7 18 19 11 1 E OE SF00256 LOGIC DIAGRAM FOR 74F374 VCC = Pin 20 D0 D CP Q Q0 3 2 D1 D CP Q Q1 4 5 D2 D CP Q Q2 7 6 D3 D CP Q Q3 8 9 D4 D CP Q Q4 13 12 D5 D CP Q Q5 14 15 D6 D CP Q Q6 17 16 D7 D CP Q Q7 18 19 11 1 OE CP GND = Pin 10 SF00257 FUNCTION TABLE FOR 74F373 INPUTS INTERNAL OUTPUTS OPERATING MODE OE E Dn REGISTER Q0 - Q7 OPERATING MODE L H L L L Enable and read register L H H H H Enable and read register L ↓ l L L Latch and read register L ↓ h H H Latch and read register L L X NC NC Hold H L X NC Z Disable outputs H H Dn Dn Z Disable outputs NOTES: H = High-voltage level h = High state must be present one setup time before the high-to-low enable transition L = Low-voltage level l = Low state must be present one setup time before the high-to-low enable transition NC= No change X = Don’t care Z = High impedance “off” state ↓ = High-to-low enable transition |