| データシートサーチシステム |
|
C1206Y393DGGACTU データシート(PDF) 10 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
C1206Y393DGGACTU データシート(HTML) 10 Page - Kemet Corporation |
|
10 / 24 page ![]() 10 © KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard C1126_C0G_HV_FF-CAP_SMD • 2/16/2023 Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade) Table 2B – Bulk Packaging Quantities Packaging Type Loose Packaging Bulk Bag (default) Packaging C-Spec1 N/A2 Case Size Packaging Quantities (pieces/unit packaging) EIA (in) Metric (mm) Minimum Maximum 0402 1005 1 50,000 0603 1608 0805 2012 1206 3216 1210 3225 1808 4520 20,000 1812 4532 1825 4564 2220 5650 2225 5664 1 The "Packaging C-Spec" is a 4 to 8 digit code which identifies the packaging type and/or product grade. When ordering, the proper code must be included in the 15th through 22nd character positions of the ordering code. See "Ordering Information" section of this document for further details. Commercial Grade product ordered without a packaging C-Spec will default to our standard "Bulk Bag" packaging. Contact KEMET if you require a bulk bag packaging option for Automotive Grade products. 2 A packaging C-Spec (see note 1 above) is not required for "Bulk Bag" packaging (excluding Anti-Static Bulk Bag and Automotive Grade products). The 15th through 22nd character positions of the ordering code should be left blank. All product ordered without a packaging C-Spec will default to our standard "Bulk Bag" packaging. |