データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSOP931..P10TR データシート(PDF) 8 Page - Vishay Siliconix

部品番号 TSOP931..P10TR
部品情報  IR Receiver Modules for Remote Control Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP931..P10TR データシート(HTML) 8 Page - Vishay Siliconix

Back Button TSOP931..P10TR Datasheet HTML 4Page - Vishay Siliconix TSOP931..P10TR Datasheet HTML 5Page - Vishay Siliconix TSOP931..P10TR Datasheet HTML 6Page - Vishay Siliconix TSOP931..P10TR Datasheet HTML 7Page - Vishay Siliconix TSOP931..P10TR Datasheet HTML 8Page - Vishay Siliconix TSOP931..P10TR Datasheet HTML 9Page - Vishay Siliconix TSOP931..P10TR Datasheet HTML 10Page - Vishay Siliconix TSOP931..P10TR Datasheet HTML 11Page - Vishay Siliconix TSOP931..P10TR Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TSOP931..P10TR, TSOP933..P10TR, TSOP935..P10TR
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 23-Oct-2019
8
Document Number: 82873
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
REEL DIMENSIONS in millimeters
LEADER AND TRAILER DIMENSIONS in millimeters
COVER TAPE PEEL STRENGTH
According to DIN EN 60286-3
0.1 N to 1.3 N
300 ± 10 mm/min.
165° to 180° peel angle
Drawing-No.: 9.800-5052.V3-4
Issue: 1; 17.12.02
Form of the leave open of the wheel is supplier specific.
Dimensions according to IEC EN 60 286-3
Tape width: 24
Technical drawing
according to DIN
specifications
Reel hub 2:1
Ø 20.2
min.
24.4
+3
-0
Trailer
Leader
no devices
min.
200
min. 400
Start
End
devices
96 11818
no devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12