データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP36/31 データシート(PDF) 2 Page - FIBOX Enclosing innovations

部品番号 MP36/31
部品情報  Mounting plate, for enclosures
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FIBOX [FIBOX Enclosing innovations]
ホームページ  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

MP36/31 データシート(HTML) 2 Page - FIBOX Enclosing innovations

  MP36/31 Datasheet HTML 1Page - FIBOX Enclosing innovations MP36/31 Datasheet HTML 2Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions :
Height
Width
Depth
mm :
345
258
1
inch :
13.58
10.16
0.04
Materials :
Material :
Base colour :
Cover colour :
Gasket material :
Temperatures :
Temperature °C (short term) :
Temperature °C (continuous) :
Temperature °F (short term) :
Temperature °F (continuous) :
Rating :
Ingress protection (EN 60529):
Impact Resistance (EN 62262):
Electrical insulation :
Not insulated
Halogen free (DIN/VDE 0472, Part 815):
0
UV resistance :
-
Flammability Rating :
Glow Wire Test (IEC 695-2-1) °C :
C
NEMA Class
Certificates :
© Fibox Oy, Data subject to change without notice (printed: 19.01.2023)



Html Pages

1 2