データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM4100A5CI2LB データシート(PDF) 8 Page - EM Microelectronic - MARIN SA

部品番号 EM4100A5CI2LB
部品情報  Read Only Contactless Identification Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMMICRO [EM Microelectronic - MARIN SA]
ホームページ  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4100A5CI2LB データシート(HTML) 8 Page - EM Microelectronic - MARIN SA

  EM4100A5CI2LB Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4100A5CI2LB Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4100A5CI2LB Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4100A5CI2LB Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4100A5CI2LB Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4100A5CI2LB Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4100A5CI2LB Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4100A5CI2LB Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4100A5CI2LB Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
R
EM4100
Ordering Information
Packaged Devices
This chart shows general offering; for detailed Part Number to order, please see the table “Standard Versions” below.
-
Version:
Customer Version:
A6 = Manchester, 64 clocks per bit
%%% = only for custom specific version
A5 = Manchester, 32 clocks per bit
B6 = Bi-phase, 64 clocks per bit
B5 = Bi-phase, 32 clocks per bit
C4 = PSK, 16 clocks per bit
Package/Card & Delivery Form:
CI2LC = CID Pack, 2 pins (length 2.5mm), in bulk
CI2LB = CID Pack, 2 pins (length 2.5mm), in tape & reel
CB2RC = PCB Package, 2 pins, in bulk
CI2LC
%%%
EM4100 A6
Die Form
This chart shows general offering; for detailed Part Number to order, please see the table “Standard Versions” below.
-
Version:
Customer Version:
A6 = Manchester, 64 clocks per bit
%%% = only for custom specific version
A5 = Manchester, 32 clocks per bit
B6 = Bi-phase, 64 clocks per bit
Bumping:
B5 = Bi-phase, 32 clocks per bit
" " (blank) = no bumps
C4 = PSK, 16 clocks per bit
E = with Gold Bumps (note 2)
Die form:
Thickness:
WW = Wafer
7 = 7 mils (178um)
WS = Sawn Wafer/Frame
11 = 11 mils (280um)
WT = Sticky Tape
27 = 27 mils (686um)
WP = Waffle Pack (note 1)
E
%%%
EM4100 A6 WS 11
Remarks:
For ordering please use table of “Standard Version” table below.
For specifications of Delivery Form, including gold bumps, tape and bulk, as well as possible other delivery form or
packages, please contact EM Microelectronic-Marin S.A.
Note 1:
This is a non-standard package. Please contact EM Microelectronic-Marin S.A for availability.
Note 2 :
Direct connection using this version is subject to license. Please contact i
nfo@emmicroelectronic.com
Copyright © 2004, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com