| データシートサーチシステム |
|
EM4100A5CB2RC データシート(PDF) 7 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
EM4100A5CB2RC データシート(HTML) 7 Page - EM Microelectronic - MARIN SA |
|
7 / 9 page ![]() R EM4100 CHIP Dimensions EM4100 All dimensions in µm Y X 1016 1041 142 378 14 716 747 517 499 Vss, Vdd pad size : 76 X 76 C1, C2 pad size : 95 X 95 Fig. 13 F F g C2 C1 MARKING AREA D A B e J K FRONT VIEW TOP VIEW R Y X Z SYMBOL MIN TYP MAX X8.0 Y4.0 Z1.0 Dimensions are in mm Dimensions are in mm CID Package PCB Package C2 C1 SYMBOL MIN TYP MAX A8.2 8.5 8.8 B3.8 4.0 4.2 D5.8 6.0 6.2 e 0.38 0.5 0.62 F 1.25 1.3 1.35 g0.3 0.4 0.5 J 0.42 0.44 0.46 K 0.115 0.127 0.139 R0.4 0.5 0.6 Fig. 14 Fig. 15 Copyright © 2004, EM Microelectronic-Marin SA 7 www.emmicroelectronic.com |