| データシートサーチシステム |
|
MF-R055/90 データシート(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-R055/90 データシート(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 4 page ![]() Typical Time to Trip at 23 ˚C Fault Current (Amps) 1 1 0.1 10 100 10 MF-R055/90 MF-R055/90U MF-R075/90 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. A B C (Pitch) D E Physical Characteristics Model Max. Max. Nom. Min. Max. Style Lead Dia. Material MF-R055/90 10.9 14.0 5.1 ± 0.7 6.3 3.6 1 0.81 Sn/Cu (0.43) (0.55) (0.201 ± 0.028) (0.248) (0.142) (0.032) MF-R055/90U 10.3 10.3 5.1 ± 0.7 6.3 3.0 1 0.81 Sn/Cu (0.4) (0.4) (0.201 ± 0.028) (0.248) (0.118) (0.032) MF-R075/90 11.9 15.5 5.1 ± 0.7 6.3 3.6 1 0.81 Sn/Cu (0.47) (0.61) (0.201 ± 0.028) (0.248) (0.142) (0.032) Product Dimensions Packaging options: BULK: 500 pcs. per bag. TAPE & REEL: 1500 pcs. per reel. AMMO-PACK: 1000 pcs. per pack MF-R/90 Series - PTC Resettable Fuses Additional Features ■ Bulk packaging, tape and reel and Ammo-Pak available on most models ■ Patents pending MM (INCHES) DIMENSIONS = A E B D C Style 1 Typical Part Marking Represents total content. Layout may vary. R055 1220S MANUFACTURER'S TRADEMARK PART IDENTIFICATION LOT NO. (S = CHINA) DATE CODE (FIRST DIGIT = LAST DIGIT OF YEAR; NEXT THREE DIGITS = DAY OF YEAR) How to Order MF - R 055/90 U - 0 - 99 Multifuse® Product Designator Series R = Radial Leaded Component Hold Current, Ihold 055, 075 (0.55 Amps - 0.75 Amps) Max. Voltage, V Coating __ = Coated U = Uncoated Packaging Options - 0 = Bulk Packaging - 2 = Tape and Reel* - AP = Ammo-Pak* Lead Free Option __ = Standard Product - 99 = Lead Free *Packaged per EIA486-B MF-R/90, REV. C, 02/04 Also available with straight leads. |