| データシートサーチシステム |
|
74F621 データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74F621 データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 10 page ![]() Philips Semiconductors Product specification 74F621 Octal bus transceiver, non-inverting (open collector) 1996 Jan 05 3 LOGIC SYMBOL B0 B1 B2 B3 19 1 OEAB OEBA SF01126 VCC = Pin 20 GND = Pin 10 B4 B5 B6 B7 89 A2 A3 45 6 A4 A5 A6 7 A7 23 A0 A1 18 17 16 15 14 13 12 11 LOGIC SYMBOL (IEEE/IEC) SF01137 19 18 EN1 1 17 16 15 14 13 12 11 2 3 4 5 6 7 8 9 2 1 EN2 LOGIC DIAGRAM VCC = Pin 20 GND = Pin 10 SF01130 OEBA 2 3 4 18 17 16 15 14 13 12 B0 B1 B4 B5 B6 B7 OEAB A1 A4 A5 A6 A7 B2 B3 A3 A2 5 6 7 8 A0 11 9 19 1 FUNCTION TABLE INPUTS OPERATING MODES OEBA OEAB OPERATING MODES L L B data to A bus H H A data to B bus H L OFF L H B data to A bus L H A data to B bus H = High voltage level L = Low voltage level X = Don’t care OFF= High if pull-up resistor is connected to open collector output |