| データシートサーチシステム |
|
MF-RX300 データシート(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-RX300 データシート(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() Specifications are subject to change without notice. MF-R, MF-RX & MF-R/250 Series Tape and Reel Specifications t User direction of feed Cross section A - B ∆p ∆p H H1 Reference plane W0 H0 W1 W A B F D0 P0 I1 I2 L H1 P1 ∆h ∆h h w h f d Reel Upper side Tape Lower side User direction of feed Figure 1 Figure 2 Reel Dimensions Taped Component Dimensions IEC EIA Dimensions Dimension Description Mark Mark Dimensions Tolerance Space between flanges less device Arbor hole diameter fc Core diameter hn max. Box max. Consecutive missing places 3 maximum Empty places per reel Not specified 4.75 (.187) ±3.25 (±.128) 26 (1.024) 80 (3.15) 56 (2.2) 372 (14.6) 372 (14.6) ±12.0 (±.472) DIMENSIONS = MM (INCHES) |