| データシートサーチシステム |
|
STBV32 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STBV32 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() July 2008 Rev 8 1/11 11 STBV32 High voltage fast-switching NPN power transistor Features ■ High voltage capability ■ Low spread of dynamic parameters ■ Minimum lot-to-lot spread for reliable operation ■ Very high switching speed Applications ■ Compact fluorescent lamps (CFLS) ■ SMPS for battery charger Description The device is manufactured using high voltage multi epitaxial planar technology for high switching speeds and high voltage capability. It uses a cellular emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. The STBV32G and STBV32G-AP are supplied using halogen-free molding compound. Figure 1. Internal schematic diagram TO-92 TO-92AP Table 1. Device summary Order codes Marking Package Packaging STBV32 BV32 TO-92 Bulk STBV32G BV32G TO-92 Bulk STBV32-AP BV32 TO-92AP Ammopack STBV32G-AP BV32G TO-92AP Ammopack www.st.com |
同様の部品番号 - STBV32_V01 |
|
同様の説明 - STBV32_V01 |