データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STBV32-AP データシート(PDF) 7 Page - STMicroelectronics

部品番号 STBV32-AP
部品情報  High voltage fast-switching NPN power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBV32-AP データシート(HTML) 7 Page - STMicroelectronics

Back Button STBV32-AP Datasheet HTML 3Page - STMicroelectronics STBV32-AP Datasheet HTML 4Page - STMicroelectronics STBV32-AP Datasheet HTML 5Page - STMicroelectronics STBV32-AP Datasheet HTML 6Page - STMicroelectronics STBV32-AP Datasheet HTML 7Page - STMicroelectronics STBV32-AP Datasheet HTML 8Page - STMicroelectronics STBV32-AP Datasheet HTML 9Page - STMicroelectronics STBV32-AP Datasheet HTML 10Page - STMicroelectronics STBV32-AP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STBV32
Package mechanical data
7/11
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11