データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER115LSTR データシート(PDF) 26 Page - STMicroelectronics

部品番号 VIPER115LSTR
部品情報  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER115LSTR データシート(HTML) 26 Page - STMicroelectronics

Back Button VIPER115LSTR Datasheet HTML 22Page - STMicroelectronics VIPER115LSTR Datasheet HTML 23Page - STMicroelectronics VIPER115LSTR Datasheet HTML 24Page - STMicroelectronics VIPER115LSTR Datasheet HTML 25Page - STMicroelectronics VIPER115LSTR Datasheet HTML 26Page - STMicroelectronics VIPER115LSTR Datasheet HTML 27Page - STMicroelectronics VIPER115LSTR Datasheet HTML 28Page - STMicroelectronics VIPER115LSTR Datasheet HTML 29Page - STMicroelectronics VIPER115LSTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
General description
VIPer11
26/37
DS11873 Rev 5
5.15
Thermal shutdown
If the junction temperature becomes higher than the internal threshold TSD (160 °C, typ.),
the PWM is disabled. After tRESTART time, a single switching cycle is performed, during
which the temperature sensor embedded in the power MOSFET section is checked. If a
junction temperature above TSD is still measured, the PWM is maintained disabled for
tRESTART time, otherwise it resumes switching with soft-start phase.
During tRESTART VCC is maintained between VCSon and VCCon levels by the HV current
source periodical activation. Such a behavior is summarized in below figure:
Figure 33. Thermal shutdown timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37