| データシートサーチシステム |
|
DS データシート(PDF) 3 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
DS データシート(HTML) 3 Page - C&K Components |
|
3 / 3 page ![]() J J–105 Dimensions are shown: mm Specifications and dimensions subject to change www.ckswitches.com 31 oct 16 AT REST POSITION AT REST POSITION AT REST POSITION PULLED OUT SHORT BUTTON LONG BUTTON FREE POSITION PULLED OUT POSITION TERMINALS 4.8 Q1-0.5 THK Q2-0.8 THK Q3-0.8 6.3 Q1 4.8 x 0.5 Q2 4.8 x 0.8 Q3 6.3 x 0.8 A SHORT BUTTON B LONG BUTTON C MOMENTARY/PULLED OUT ACTUATOR STYLE / SPECIFICATIONS BUTTON STYLE OPERATING POSITION A 8.90 ± 1.25 3.20 B 19.55 ± 1.25 10.15 C OPERATING POSITION PULL NA NA 16.75 ± 1.25 13.20 OPERATING FORCE 425 gf 425 gf PUSH PULL 385gf 475gf 21.60 ± 1.25 FREE POSITION AT REST 11.45 ± 0.75 22.25 ± 0.75 19.30 ± 0.75 OVER TRAVEL POSITION PULL MAX NA NA 24.90 PUSH OVER TRAVEL POSITION PUSH MAX BUTTON STYLE OPERATING POSITION A 8.90 ± 1.25 3.20 B 19.55 ± 1.25 10.15 C OPERATING POSITION PULL NA NA 16.75 ± 1.25 13.20 OPERATING FORCE 680 gf 680gf PUSH PULL 560gf 750gf 21.60 ± 1.25 FREE POSITION AT REST 11.45 ± 0.75 22.25 ± 0.75 19.30 ± 0.75 OVER TRAVEL POSITION PULL MAX NA NA 24.90 PUSH OVER TRAVEL POSITION PUSH MAX DS Series Interlock Snap Switches SPDT Specification DPDT Specification Third Angle Projection |