データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STRT71XF データシート(PDF) 73 Page - STMicroelectronics

部品番号 STRT71XF
部品情報  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRT71XF データシート(HTML) 73 Page - STMicroelectronics

Back Button STRT71XF Datasheet HTML 66Page - STMicroelectronics STRT71XF Datasheet HTML 67Page - STMicroelectronics STRT71XF Datasheet HTML 68Page - STMicroelectronics STRT71XF Datasheet HTML 69Page - STMicroelectronics STRT71XF Datasheet HTML 70Page - STMicroelectronics STRT71XF Datasheet HTML 71Page - STMicroelectronics STRT71XF Datasheet HTML 72Page - STMicroelectronics STRT71XF Datasheet HTML 73Page - STMicroelectronics STRT71XF Datasheet HTML 74Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
STR71xF
Revision history
73/74
13-Oct-2005
7
Updated feature description on page 1
Update overview Section 1.1
Added OD/PP to P0.12 in Table 6
Changed name of WFI mode to WAIT mode
Changed Memory Map Table 6: Ext. Memory changed to 64 MB
and flash register changed to 36 bytes.
Added Power Consumption Table 14
Modified BGA144 F3, F5, F12 and G12 in Table 2 and Table 3
Update EMI Timing Table 25 and Figure 29
22-May-2006
8
Added Flashless device.
Changed reset state of pins P1.10 and P1.13 from pu to pd,
P0.15 from pu to floating and removed x in interrupt column for
P1.15 and P1.12 in Table 3 and Table 6
Added notes under Table 3 on EMI pin reset state.
Corrected inch value for d3 in Figure 37
Added footprint diagrams in Figure 37 and Figure 39
Updated Section 2: Electrical parameters
Table 41.
Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74