| データシートサーチシステム |
|
ST25DV16K データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV16K データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 197 page ![]() RF_ACTIVITY: • GPO output level reflects the RF activity. • When RF_ACTIVITY is activated, a GPO output level change from RF command EOF to ST25DV response EOF. Figure 13. RF_ACTIVITY sequence 2) VCD sends a write command and ST25DV replies after write completed. GPO/RF_ACTIVITY is released after ST25DV response. S O F E O F 5) VCD sends a command and ST25DV stays quiet (Stay Quiet command, command not for this VICC, or quiet state). GPO/RF_ACTIVITY remains high-Z. (m*)Wt VCD Command GPO/RF_ACTIVITY (OD) GPO/RF_ACTIVITY (OD) S O F E O F ST25DV reply S O F Write command E O F 1) VCD sends a command and ST25DV replies. GPO/RF_ACTIVITY is released after ST25DV response. t1 GPO/RF_ACTIVITY (OD) S O F E O F ST25DV reply S O F VCD command E O F 3) VCD sends a write command with option flag set to 1, and ST25DV replies after receiving EOF. GPO/RF_ACTIVITY is released after ST25DV response. >(m*)Wt GPO/RF_ACTIVITY (OD) S O F E O F ST25DV reply S O F Write command E O F E O F t1 4) VCD sends an Inventory 16 slots command, and ST25DV replies in its slot. GPO/RF_ACTIVITY is released after ST25DV response. GPO/RF_ACTIVITY (OD) S O F E O F ST25DV reply S O F Inventory command E O F E O F t1 E O F Slot 1 Slot n ST25DV04K ST25DV16K ST25DV64K GPO DS10925 - Rev 11 page 28/197 |