データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H3LIS331DLTR データシート(PDF) 3 Page - STMicroelectronics

部品番号 H3LIS331DLTR
部品情報  NFC dynamic tag sensor and processing node evaluation board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

H3LIS331DLTR データシート(HTML) 3 Page - STMicroelectronics

  H3LIS331DLTR Datasheet HTML 1Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 2Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 3Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 4Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 5Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 6Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 7Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 8Page - STMicroelectronics H3LIS331DLTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1
Schematic diagrams
Figure 1. STEVAL-SMARTAG2 circuit schematic (1 of 6)
Microcontroller
STDC14 debugger connector
100n
STM32L071
100p
GND
GND
100n
100p
GND
GND
100n
100p
GND
GND
GND
STM32L4P5
1365-14
1365-14
M41T62LC6F
100n
GND
C6
C7
C8
C9
C10
C11
VBAT
P1
PC13
P2
P3
PC14-OSC32_IN
P4
PC15-OSC32_OUT
P5
PH0-OSC_IN
P6
PH1-OSC_OUT
NRST
P7
VSSA
P8
VDDA
P9
PA0
P10
PA1
P11
PA2
P12
PB12
P25
PB13
P26
PB14
P27
PB15
P28
PA8
P29
PA9
P30
PA10
P31
PA11
P32
PA12
P33
PA13
P34
VSS2
P35
VDD2
P36
U1
U20-1
U20-2
U20-3
U20-4
U20-5
U20-6
U20-7
U20-8
U20-9
U20-10
U20-11
U20-12
U20-13
U20-14
SW1
SW2
TP3
TP4
TP5
TP6
TP7
SDA
P1
SQW
P2
VSS
P3
NC1
P4
VCC
P5
OUT
P6
NC2
P7
SCL
P8
U11
C46
GND
GND
GND
GND
GND
GND
VDD
VDD
VDD
VDD
VDD
NRST
NRST
SWDIO
SWDIO
SWCLK
I2C2_SCL
I2C2_SDA
RST_SAFE
SPI1_MISO
SPI1_MOSI
ACC_INT1
USART1_TX
USART1_TX
USART1_RX
USART1_RX
VDD_ACC_MCU
ISET0
GPO
VDD_SAF_CTRL
INT_PRE
VDD_AMB_MCU
LD1
HIGH_G_INT1
IMU_CS
IRQ/RTC
IRQ/RTC
I2C3_SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11