| データシートサーチシステム |
|
EM6620WS11 データシート(PDF) 49 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
EM6620WS11 データシート(HTML) 49 Page - EM Microelectronic - MARIN SA |
|
49 / 56 page ![]() R EM6620 Copyright © 2005, EM Microelectronic-Marin SA 49 www.emmicroelectronic.com 18. EM6620 Electrical specifications 18.1 Absolute maximum ratings Min. Max. Units Power supply VDD-VSS - 0.2 + 3.6 V Input voltage VSS - 0,2 VDD+0,2 V Storage temperature - 40 + 125 °C Electrostatic discharge to Mil-Std-883C Method 3015.7 with ref. to VSS -2000 +2000 V Maximum soldering conditions 10s x 250 °C Stresses above these listed maximum ratings may cause permanent damage to the device. Exposure beyond specified electrical characteristics may affect device reliability or cause malfunction. 18.2 Handling Procedures This device has built-in protection against high static voltages or electric fields; however, anti-static precautions should be taken as for any other CMOS component. Unless otherwise specified, proper operation can only occur when all terminal voltages are kept within the supply voltage range. 18.3 Standard Operating Conditions Parameter MIN TYP MAX Unit Description Temperature -20 25 85 °C VDD_Range1 1.4 3.0 3.6 V with internal voltage regulator VDD_Range2 1.2 1.5 1.7 without internal voltage regulator VSS 0 V Reference terminal CVDDCA (note 1) 100 nF regulated voltage capacitor fq 32768 Hz nominal frequency Rqs 35 kOhm typical quartz serial resistance CL 8.2 pF typical quartz load capacitance df/f +/- 30 ppm quartz frequency tolerance Note 1: This capacitor filters switching noise from VDD to keep it away from the internal logic cells. In noisy systems the capacitor should be chosen bigger than minimum value. 18.4 DC characteristics - Power Supply Conditions: Vdd=1.5V, T=25°C, without internal voltage regulator (unless otherwise specified) Parameter Conditions Symbol Min. Typ. Max. Unit ACTIVE Supply Current (note2,3) IVDDa1 2.0 3.0 µA (in active mode with LCD on) -20 ... 85°C (note2,3) IVDDa1 3.1 µA STANDBY Supply Current IVDDh1 0.4 0.6 µA (in Halt mode, LCDOff) -20 ... 85°C IVDDh1 0.8 µA SLEEP Supply Current IVDDs1 0.1 0.25 µA -20 ... 85°C IVDDs1 0.28 µA POR static level -20 ... 85°C VPOR1 0.85 1.1 V RAM data retention Vrd1 1.0 V Note 2: Lcd Display NOT connected. Note 3: For test reasons, the user has to provide a test loop with successive writing and reading of two different addresses (5 instructions should be reserved for this measurement). |