データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD40106B データシート(PDF) 4 Page - Silicon Supplies

部品番号 CD40106B
部品情報  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SS [Silicon Supplies]
ホームページ  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD40106B データシート(HTML) 4 Page - Silicon Supplies

  CD40106B Datasheet HTML 1Page - Silicon Supplies CD40106B Datasheet HTML 2Page - Silicon Supplies CD40106B Datasheet HTML 3Page - Silicon Supplies CD40106B Datasheet HTML 4Page - Silicon Supplies CD40106B Datasheet HTML 5Page - Silicon Supplies CD40106B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6
www.siliconsupplies.com
Rev 1.0
16/07/2021
CMOS High Voltage Logic – CD40106B
DC Electrical Characteristics T
A = -55 to +125°C unless otherwise stated
GUARANTEED LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
3
UNITS
5V
VOUT = 0.5V
4.3
4.3
4.3
10V
VOUT = 1V
8.6
8.6
8.6
Maximum Positive -
Going Threshold
Voltage
VT+ MAX
15V
VOUT = 1.5V
12.9
12.9
12.9
V
5V
1.0
1.0
1.0
10V
2.0
2.0
2.0
Minimum
Hysteresis Voltage
(VT+ - VT-)
VH MIN
15V
3.0
3.0
3.0
V
5V
3.6
3.6
3.6
10V
7.2
7.2
7.2
Maximum
Hysteresis Voltage
(VT+ - VT-)
VH MAX
15V
10.8
10.8
10.8
V
5V
VOUT = 0.4V
0.52
0.44
0.36
10V
VOUT = 0.5V
1.30
1.10
0.90
LOW Level
Output Current
4
IOL
15V
VOUT = 1.5V
3.60
3.00
2.4
mA
5V
VOUT = 4.6V
-0.52
-0.44
-0.36
10V
VOUT = 9.5V
-1.30
-1.10
-0.90
HIGH Level
Output Current
4
IOH
15V
VOUT = 13.5V
-3.60
-3.00
-2.4
mA
15V
VIN = 0V
-0.30
-0.30
-1. 0
Input Current
IIN
15V
VIN = 15V
0.30
0.30
1.0
µA
5. Not production tested in die form, characterized by chip design.
6. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
4. IOH and IOL are tested one output at a time.
AC Electrical Characteristics5 T
A = 25°C, CL = 50pF, RL = 200kΩ unless otherwise stated
PARAMETER
SYMBOL
VDD
CONDITIONS
TYPICAL
MAX
UNITS
5V
220
400
10V
80
200
Maximum
Propagation Delay,
Input to Output
(Figure 3)
tPLH, tPHL
15V
tr = tf = 20ns
70
160
ns
5V
100
200
10V
50
100
Maximum Output
Rise and Fall Time
(Figure 3)
tTLH, tTHL
15V
tr = tf = 20ns
40
80
ns
Input Capacitance
CIN
-
Any Input
5
7.5
pF
TYPICAL
Power Dissipation
Capacitance
Per Gate
6
CPD
-
-
14
pF



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com