データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MDMB データシート(PDF) 6 Page - C&K Components

部品番号 MDMB
部品情報  Microminiature connectors with removable crimp contacts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MDMB データシート(HTML) 6 Page - C&K Components

  MDMB Datasheet HTML 1Page - C&K Components MDMB Datasheet HTML 2Page - C&K Components MDMB Datasheet HTML 3Page - C&K Components MDMB Datasheet HTML 4Page - C&K Components MDMB Datasheet HTML 5Page - C&K Components MDMB Datasheet HTML 6Page - C&K Components MDMB Datasheet HTML 7Page - C&K Components MDMB Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5
Dimensions shown in: mm
Specifications and dimensions subject to change
www.ckswitches.com
PROCESS – RETENTION TEST
Use Retention Test Tool - P/N C115373-0003
This tool is equipped with 2 test tips at the ends for use with Pin and Socket connectors.
It is delivered with:
• 2 protective caps
• 1 adaptator for connectors MDMA-51S
1 calibration certificate referring to applicable force and travel
If necessary, we can perform the calibration of tools already in service.
Use P/N C115373-0003 CA for a quote.
MDMB Connector with Pin Contacts:
Insert the tip of the tool around the Pin contact
Push the tool up to the stop with the front face of the connector
Pull back lightly on wire to be sure contact is locked securely
MDMB Connector with Socket Contacts:
Insert the tip of the tool inside the Socket contact
Push the tool up to the stop with the front face of the connector
Pull back lightly on wire to be sure contact is locked securely



Html Pages

1 2 3 4 5 6 7 8