| データシートサーチシステム |
|
74HC11DB データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74HC11DB データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 5 page ![]() December 1990 3 Philips Semiconductors Product specification Triple 3-input AND gate 74HC/HCT11 PIN DESCRIPTION PIN NO. SYMBOL NAME AND FUNCTION 1, 3, 9 1A to 3A data inputs 2, 4, 10 1B to 3B data inputs 7 GND ground (0 V) 12, 6, 8 1Y to 3Y data outputs 13, 5, 11 1C to 3C data inputs 14 VCC positive supply voltage Fig.1 Pin configuration. Fig.2 Logic symbol. Fig.3 IEC logic symbol. Fig.4 Functional diagram. Fig.5 Logic diagram (one gate). FUNCTION TABLE Notes 1. H = HIGH voltage level L = LOW voltage level INPUTS OUTPUT nA nB nC nY LLL L LL H L LHL L LH H L HL L L HLH L HH L L HHH H |