データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM6626 データシート(PDF) 62 Page - EM Microelectronic - MARIN SA

部品番号 EM6626
部品情報  Ultra Low Power Microcontroller with 4x32 LCD Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMMICRO [EM Microelectronic - MARIN SA]
ホームページ  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6626 データシート(HTML) 62 Page - EM Microelectronic - MARIN SA

Back Button EM6626 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6626 Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6626 Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6626 Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6626 Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6626 Datasheet HTML 63Page - EM Microelectronic - MARIN SA EM6626 Datasheet HTML 64Page - EM Microelectronic - MARIN SA EM6626 Datasheet HTML 65Page - EM Microelectronic - MARIN SA EM6626 Datasheet HTML 66Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
R
EM6626
Copyright
© 2005, EM Microelectronic-Marin SA
62
www.emmicroelectronic.com
19.4 Pull-up Resistance (Typical)
P u l l u p S t r o ng ; N o R e g u l a t o r ; T e m p = 2 5D eg
80
10 0
12 0
14 0
1.2
1.4
1.6
1.8
[V ]
[k O h m ]
P u l l u p W eak ; N o R e g u l a t o r ; T e m p = 2 5D eg
0
50 0
10 0 0
15 0 0
20 00
1.21.4
1.61.8
[V ]
[k O h m ]
P u l l u p W eak ; R e g u l a t o r ; T e m p = 2 5D eg
0
50 0
10 0 0
15 0 0
20 00
1.4
2
2 .6
3 .2
[V ]
[k O h m ]
P u l l u p S t r o ng ; R e g u l a t o r ; T e m p = 2 5D eg
80
10 0
12 0
14 0
1.4
2
2 .6
3 .2
[V ]
[k O h m ]
P u l l u p
W e a k ; No Re g u l a t o r ; V DD= 1.5 V
40 0
60 0
80 0
10 0 0
- 2 0
0
20
40
6 0
80
[°C ]
[k O h m ]
P u llu p W e a k ; R e g u la t o r ; V D D = 3 .0 V
0
10 0
20 0
30 0
- 2 0
0
20
40
6 0
80
[°C ]
[k O h m ]
P u l l u p S t r o n g ; R e gu l a t o r ; V D D = 3.0 V
0
50
10 0
15 0
- 2 0
0
2 0
40
60
80
[°C ]
[k O h m ]
P u l l u p S t r o n g ; No Re g u l a t o r ; V DD= 1.5 V
0
50
10 0
15 0
- 2 0
0
20
40
60
80
[°C ]
[k O h m ]
19.5 Output Currents (Typical)
IO L C ur r ent s ; V D S =0 .15/ 0 .3 / 0 .5/ 1.0 V ; T emp =2 5D eg
0.15
0.3
0.5
1.0
0.0
3.0
6.0
9.0
12 .0
15.0
1.2
1.8
2.4
3
3.6
[V ]
[mA ]
IO H C ur r ent s ; V D S =0 .15/ 0 .3 / 0 .5/ 1.0 V ; T emp =2 5D eg
0.15
0.3
0.5
1.0
-12 .0
-9 .0
-6 .0
-3 .0
0.0
1.2
1.8
2 .4
3
3 .6
[V ]
[mA ]
IO H C ur r ent s ; V D D =1.5V ; V D S =0 .15/ 0 .3 / 0 .5/ 1.0 V
0.15
0.3
0.5
1.0
-2 .0
-1.5
-1.0
-0 .5
0.0
- 2 002 0
4 0
6 0
8 0
[°C ]
[mA ]
IO L C ur r ent s ; V D D =1.5V ; V D S =0 .15/ 0 .3 / 0 .5/ 1.0 V
0.15
0.3
0.5
1.0
0.0
1.0
2.0
3.0
4.0
5.0
- 2 0
0
20
40
60
80
[°C ]
[mA ]
IO H C ur r ent s ; V D D =3 .0 V ; V D S =0 .15/ 0 .3 / 0 .5/ 1.0 V
0.15
0.3
0.5
1.0
-12 .0
-9 .0
-6 .0
-3 .0
0.0
- 2 0
0
2 0
40
60
80
[°C ]
[mA ]
IO L C ur r ent s ; V D D =3 .0 V ; V D S =0 .15/ 0 .3 / 0 .5/ 1.0 V
0.15
0.3
0.5
1.0
0.0
5.0
10 .0
15.0
- 2 0
0
20
40
60
80
[°C ]
[mA ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com