データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM6635 データシート(PDF) 5 Page - EM Microelectronic - MARIN SA

部品番号 EM6635
部品情報  Low Power Microcontroller with RC and 32kHz oscillators and 9 high drive outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMMICRO [EM Microelectronic - MARIN SA]
ホームページ  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6635 データシート(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6635 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6635 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
EM6635
03/03 REV. B
Copyright
 2002, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Ram Architecture
Add
Page
64x4 direct addressable
RAM
Add
Page
64x4 indirect addressable
RAM
Add
Page
64x4 indirect addressable
RAM
Add
Page
64x4 indirect addressable
RAM
RAM_0
4 bit R/W
RAM_0
4 bit R/W
RAM_0
4 bit R/W
RAM_0
4 bit R/W
RAM_1
4 bit R/W
RAM_2
4 bit R/W
RAM_3
4 bit R/W
RAM_60
4 bit R/W
RAM_61
4 bit R/W
RAM_62
4 bit R/W
0
RAM_63
4 bit R/W
1
RAM_63
4 bit R/W
2
RAM_63
4 bit R/W
3
RAM_63
4 bit R/W
CPU Access Format:
Register
Add Hex
Add Dec
bit3
bit2
bit1
bit0
RAM index
77
119
W
R
x
0
x
0
PageSel[1]
PageSel[1]
PageSel[0]
PageSel[0]
3. Operating Modes
The EM6635 has two low power operating modes, the active and the halt mode. The oscillator is always active in both
modes, whereas the RC-Oscillator is controlled by the CPU.
3.1 Active Mode:
The CPU is running. Instructions are read from the internal ROM and executed by the CPU.
After a system reset, the EM6635 is in active mode at ROM-address H000.
The active mode is stopped by executing the HALT instruction.
3.2 HALT Mode:
After a HALT instruction, the EM6635 is in HALT mode. The CPU is stopped. The 32kHz-oscillator, the prescaler are
running, whereas the timers, the watchdog timer, the BCD counters and the frequency generator are only working, if
activated before.
The RC-oscillator is stopped.
All registers, RAM and output buffers retain their states prior to HALT mode.
The HALT mode is left by an interrupt occurence or by a system reset.
The HALT command enables the global interrupt, i.e. DisINT=0.
Note: HALT mode is activated and XTAL Oscillator is not running. Only a system reset allows to go back in Active mode.
4. Power Supply
The EM6635 is supplied by a single external power supply between VDD (VBAT) and VSS (Ground).
A built-in voltage regulator generates VRR providing regulated voltage for the oscillator and the internal logic. The output
drivers are supplied directly from the external supply VDD. The internal power configuration is shown below in figure 3.
To supply the internal core logic it is possible to use either the internal voltage regulator (VRR < VDD) or VBAT directly (VRR =
VDD). The selection is done by mask option. By default the voltage regulator is used. Refer to chapter 17 for the mask
options.
The internal voltage regulator is chosen for high voltage systems. It saves power by reducing the internal core logic’s power
supply to an optimum value. However, due to the inherent voltage drop over the regulator the minimal VDD is restricted to
1.4V.
A direct VBAT connection can be selected for systems running on a 1.5V battery. The internal RFIL 1kOhm resistor
together with the external capacitor on VRR is filtering the VDD supply to the internal logic (as a low pass filter to protect the
logic against parasitic over- and under-voltages, e.g. created by piezo shocks).
In this case the minimum VDD can be as low as 1.2V.
The output buffers are directly supplied from the external power supply.
Note: State of I/O pads may not be defined until VRR reaches typ. 0.8V and Power-On-Reset supplied by VRR clears them
to inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com